Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3161 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3161
Description  WASHERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3161 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3161 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MATERIAL:
Fibre: Commercial Grade per ASTM D710 Nylon: Grade 6/6 per ASTM D4066
W THICKNESS
.032 (.81)
.047 (1.19)
.062 (1.57)
MATERIAL
I.D.
O.D.
CAT. NO. CAT. NO. CAT. NO.
.187 (4.8)
3111
3148
3366
FIBRE
.098 (2.49)
.250 (6.4)
3112
3149
3367
#2
.312 (7.9)
3113
3150
3194
.187 (4.8)
3114
3151
3356
NYLON
.098 (2.49)
.250 (6.4)
3347*
3152
3357*
#2
.312 (7.9)
3115
3153
3195
.250 (6.4)
3116
3154
3368
FIBRE
.120 (3.05)
.312 (7.9)
348
3155
3196
#4
.375 (9.5)
3117
3156
3197
.250 (6.4)
3348
345
3358
NYLON
.120 (3.05)
.312 (7.9)
3359
3157
3198
#4
.375 (9.5)
3118
3158
3200
.250 (6.4)
3119
3159
3369
FIBRE
.140 (3.56)
.312 (7.9)
3120
3160
3370
#6
.375 (9.5)
3121
3161
3201
.250 (6.4)
3122
3162
3360
NYLON
.140 (3.56)
.312 (7.9)
3349
346
3361
#6
.375 (9.5)
3123
3163
3202
.312 (7.9)
3124
3164
3203
FIBRE
.171 (4.34)
.375 (9.5)
3125
3165
3372
#8
.437 (11.1)
3126
3166
3204
.312 (7.9)
3127
3167
3205
NYLON
.171 (4.34)
.375 (9.5)
3350
3168
3363
#8
.437 (11.1)
3128
3169
3206
.312 (7.9)
349
3170
3207
FIBRE
.196 (4.98)
.375 (9.5)
3129
3171
3208
#10
.437 (11.1)
3130
3172
3209
.500 (12.7)
3131
3173
3210
.312 (7.9)
3364
3174
3211
NYLON
.196 (4.98)
.375 (9.5)
3352
3175
3212
#10
.437 (11.1)
3132
3176
3213
.500 (12.7)
3133
3177
3214
.437 (11.1)
3134
3178
3215
FIBRE
.260 (6.60)
.500 (12.7)
3135
3179
3373
1/4”
.625 (15.9)
3136
3180
3216
.750 (19.1)
3137
3181
3217
.437 (11.1)
3138
3182
3218
NYLON
.260 (6.60)
.500 (12.7)
3353
3183
3365
1/4”
.625 (15.9)
3139
3184
3219
.750 (19.1)
3140
3185
3220
.500 (12.7)
3141
3186
3221
FIBRE
.385 (9.65)
.625 (15.9)
3142
3187
3222
3/8”
.750 (19.1)
3143
3188
3223
1.000 (25.4)
3144
3189
3224
.500 (12.7)
3145
3190
3225
NYLON
.385 (9.65)
.625 (15.9)
3354
3191
3226
3/8”
.750 (19.1)
3146
3192
3227
1.000 (25.4)
3147
3193
3228
* .090 (2.3) I.D.
I.D.
W
O.D.
NYLON RETAINING WASHERS
STEEL FLAT WASHERS
STEEL LOCK WASHERS
INTERNAL TOOTH WASHERS
131
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
FLAT WASHERS – NYLON & FIBRE
Retaining Washers are similar to our standard
washers, but with a specially configured ID
designed to grip the screw shank. The washer
remains attached to the screw, for quick, easy
assembly.
I.D.
H
O.D.
A
W
I.D.
O.D.
O.D.
W
I.D.
O.D.
I.D.
W
CAT. NO.
I.D.
O.D.
W
SCREW SIZE
4692
.128 (3.3)
.281 (7.1)
.025 (.63)
#4 (M3)
7235-1
.120 (3.1)
.220 (5.6)
.032 (.81)
4699
.147 (3.7)
.373 (9.5)
.031 (.80)
#6 (M3.5)
4703
.200 (5.1)
.436 (11.1)
.033 (.84)
#10 (M4)
1719-1
.391 (9.9) 1.500 (38.1) .094 (2.4)
3/8”
MATERIAL: Phoshor Bronze - Nickel Plate
.032 (0.81)
.062 (1.57) SCREW
CAT. NO.
CAT. NO.
SIZE
A
I.D.
O.D.
2244
2284
#2 (M2)
.115 (2.9)
.078 (1.9)
.203 (5.2)
2245
2285
#4
.156 (3.9)
.102 (2.6)
.256 (6.7)
2246
2286
#6 (M3.5)
.198 (5.0)
.128 (3.3)
.328 (8.3)
2247
2287
#8 (M4)
.235 (5.9)
.152 (3.8)
.390 (9.9)
2248
—
.135 (3.4)
.390 (9.9)
2249
2289
.453 (11.5)
—
2290
#10
.227 (7.0)
.177 (4.5)
.500 (12.7)
—
2291
.630 (16.0)
2252
2292
#1/4 (M6)
.375 (9.5)
.234 (5.9)
.593 (15.1)
2253
2293
#3/8
.564 (14.3) .350 (8.9)
.890 (22.6)
HEIGHT (H)
CAT. NO.
I.D.
O.D.
W
SCREW SIZE
4693
.177 (3.0)
.205 (5.2)
.031 (.78)
#4 (M3)
7235-2
.177 (3.0)
.197 (5.0)
.025 (.63)
4700
.144 (3.7)
.250 (6.4)
.033 (.84)
#6 (M3.5)
1477
.195 (5.0)
.320 (8.1)
.047 (1.2)
#10 (M4)
1476
.256 (6.5)
.479 (12.2)
.074 (1.9)
1/4” (M6)
1485
.321 (8.2)
.586 (14.8)
.078 (2.0)
5/16” (M8)
CAT. NO.
I.D.
O.D.
W
SCREW SIZE
11362-5
.226 (5.7)
.402 (10.2)
.020 (.51)
#12 (M5)
4691
.261 (6.6)
.469 (11.9)
.025 (.63)
1/4” (M6)
MATERIAL:
Nylon, 6/6 UL Rated 94V-0
MATERIAL: Steel, Zinc Plate
MATERIAL: Steel, Zinc Plate
M60 Section 8 FREV2:11-2011
11/20/11
2:52 PM
Page 131


Similar Part No. - 3161

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
3161 ALLEGRO-3161 Datasheet
145Kb / 8P
HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
List of Unclassifed Man...
3161 ETC2-3161 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3161 ALLEGRO-3161 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3161 HEYCO-3161 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 3161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3131 ETC2-3131 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3241 ETC2-3241 Datasheet
92Kb / 2P
WASHERS AND NUTS
D01105 ETC2-D01105 Datasheet
126Kb / 1P
Flat Washers
D01143 ETC2-D01143 Datasheet
113Kb / 1P
Single Coil Spring Washers
D01140 ETC2-D01140 Datasheet
114Kb / 1P
Single Coil Spring Washers
481-0685 ETC2-481-0685 Datasheet
184Kb / 2P
Star Washers
561-04032 ETC2-561-04032 Datasheet
79Kb / 2P
Nylon Retaining Washers
NAS1149 ETC2-NAS1149 Datasheet
868Kb / 2P
Washers Aircraft
logo
Heyco.
1970 HEYCO-1970 Datasheet
94Kb / 1P
Heyco® Foam Washers
G6000 HEYCO-G6000 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com