Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDCAT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDCAT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDCAT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDCAT Datasheet HTML 1Page - M-System Co.,Ltd. MDCAT Datasheet HTML 2Page - M-System Co.,Ltd. MDCAT Datasheet HTML 3Page - M-System Co.,Ltd. MDCAT Datasheet HTML 4Page - M-System Co.,Ltd. MDCAT Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MDCAT
MDCAT SPECIFICATIONS
ES-8139 Rev.7 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Transmission performance:
TIA/EIA-568-B.2 CAT5e (MDCAT-5E)
TIA/EIA-568-B.2 CAT6 (MDCAT-6)
Surge protection: IEC 61643-21 Categories C1, C2
LINE TO LINE (pair)
LINE
TO
LINE (PoE)
LINE
TO
EARTH
MDCAT-5E
MDCAT-6
Max. continuous operating voltage (Uc)
±6V
±3.3V
±58V
±150V
Voltage protection level (Up)
±15V @2kV
±10V @2kV
±100V @2kV
±600V @4kV
Leakage current @Uc
25µA
5µA
25µA
5µA
Response time
≤ 4 nsec.
≤ 4 nsec.
≤ 4 nsec.
≤ 20 nsec.
Max. discharge current (Imax)
100A
100A
100A
10kA
Nominal current (IN)
1A
Series resistance
Approx. 0Ω
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com