Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7TC Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MD7TC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7TC Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MD7TC Datasheet HTML 1Page - M-System Co.,Ltd. MD7TC Datasheet HTML 2Page - M-System Co.,Ltd. MD7TC Datasheet HTML 3Page - M-System Co.,Ltd. MD7TC Datasheet HTML 4Page - M-System Co.,Ltd. MD7TC Datasheet HTML 5Page - M-System Co.,Ltd. MD7TC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: MD7TC
MD7TC SPECIFICATIONS
ES-8053 Rev.9 Page 4/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
(.28)
98 (3.86)
[1.5 (.06)]
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com