Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7ST Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MD7ST
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7ST Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MD7ST Datasheet HTML 1Page - M-System Co.,Ltd. MD7ST Datasheet HTML 2Page - M-System Co.,Ltd. MD7ST Datasheet HTML 3Page - M-System Co.,Ltd. MD7ST Datasheet HTML 4Page - M-System Co.,Ltd. MD7ST Datasheet HTML 5Page - M-System Co.,Ltd. MD7ST Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MD7ST
MD7ST SPECIFICATIONS
ES-8057 Rev.10 Page 3/6
http://www.m-system.co.jp/
DESCRIPTIONS
With Shield
Cable
Shield
Not Grounded
Shield to Signal
Isolated
Shield to Signal
Not Isolated
FF
Shield
Grounded
FG
Shield
Not Grounded
GF
Shield
Grounded
GG
Without Shield
Signal to Earth
Isolated
Signal to Earth
Not Isolated
FF
GG
• The surge protector has a dedicated shield terminal effective for easy shield wiring and surge protection.
• Review the shield method (grounding, non-grounding, connecting to SG, etc.) required by the protected device or system.
• There is no electrical effect to the shield by installing the surge protector, but an appropriate shield terminal type must be
selected to suit user applications.
• Refer to the flow chart below to choose.
■ SELECTING SHIELD TERMINAL TYPE
MD7ST
5
–
+
2
7
8
4
1
(SHLD)
DIN RAIL
DIN RAIL
ADAPTOR
Fuse/Disconnect
DC Power Supply
4 – 20mA
Transmitter
Field-mount
Surge Protector
(model: MD6x)
+
–
250Ω
Power Bus
To other 4 – 20mA loops
+
–
• Specify ‘Loop disconnect fuse’ type when multiple transmitters are connected to single power bus.
• Loop disconnect fuse is used to separate a transmitter loop from the power bus when it fails in the shortcircuit mode.
SELECTING LOOP DISCONNECT FUSE
■



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com