Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7RB Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MD7RB
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7RB Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MD7RB Datasheet HTML 1Page - M-System Co.,Ltd. MD7RB Datasheet HTML 2Page - M-System Co.,Ltd. MD7RB Datasheet HTML 3Page - M-System Co.,Ltd. MD7RB Datasheet HTML 4Page - M-System Co.,Ltd. MD7RB Datasheet HTML 5Page - M-System Co.,Ltd. MD7RB Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MD7RB
MD7RB SPECIFICATIONS
ES-8054 Rev.10 Page 3/6
http://www.m-system.co.jp/
DESCRIPTIONS
With Shield
Cable
Shield
Not Grounded
Shield to Signal
Isolated
Shield to Signal
Not Isolated
FF
Shield
Grounded
FG
Shield
Not Grounded
GF
Shield
Grounded
GG
Without Shield
Signal to Earth
Isolated
Signal to Earth
Not Isolated
FF
GG
• The surge protector has a dedicated shield terminal effective for easy shield wiring and surge protection.
• Review the shield method (grounding, non-grounding, connecting to SG, etc.) required by the protected device or system.
• There is no electrical effect to the shield by installing the surge protector, but an appropriate shield terminal type must be
selected to suit user applications.
• Refer to the flow chart below to choose.
■ SELECTING SHIELD TERMINAL TYPE
CONNECTION EXAMPLES
M-RESTER
6
3
8
5
2
(SHLD)
DIN RAIL
DIN RAIL
ADAPTOR
Protected Device
FG
Protected Side
Crossover Wire
Surge Side
*1. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω
*3. Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential.
Ground only the surge protector when the protected device has no ground terminal.
*4. Shield wiring method is an example. Proceed according to the system requirements.
*4
*2
*3
7
M-RESTER
RTD
3
6
7
2
5
DIN RAIL
DIN RAIL
ADAPTOR
Surge Side
Protected Side
Sheath or
Metal Enclosure
*2
*1
*1
8
SG
INPUT
B
4
1
1
4
A
B
A
B
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com