Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7LWA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7LWA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7LWA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7LWA Datasheet HTML 1Page - M-System Co.,Ltd. MD7LWA Datasheet HTML 2Page - M-System Co.,Ltd. MD7LWA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MD7LWA
MD7LWA SPECIFICATIONS
ES-8060 Rev.9 Page 2/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
[.28]
98 [3.86]
(1.5 [.06])
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
2
6
3
7
8
DISCHARGE
ELEMENT
DISCHARGE
ELEMENT
4
1
Series Resistance
(SHLD)
Surge Side
Protected Side
Protected Device
M-RESTER
SHLD
FG
+
–
*3
*2
*1
*1. Be sure to use twisted-pair cables.
*2. Choose the M-RESTER – FG when the shield wire is to be grounded.
*3. When the twisted-pair cable is with a shield, connect it to the surge protector’s terminal 8, and follow instructions given by the protected
device for the terminal 7. When SHLD is not isolated from NET A / B, DO NOT connect the terminal 7 to SHLD.
*4. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground. Use a steel or copper rail.
*5. Be sure to ground the DIN rail. Recommended grounding resistance max. 100 ohms.
*6. Cross-wire from the DIN rail to the metal housing of the protected device to equalize the ground potential.
Ground only the surge protector when the protected device has no grounding terminal.
NET
A, B
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
Grounding
*4
*5
Crossover Wire*6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com