Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7LC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7LC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7LC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7LC Datasheet HTML 1Page - M-System Co.,Ltd. MD7LC Datasheet HTML 2Page - M-System Co.,Ltd. MD7LC Datasheet HTML 3Page - M-System Co.,Ltd. MD7LC Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MD7LC
MD7LC SPECIFICATIONS
ES-8063 Rev.6 Page 2/4
http://www.m-system.co.jp/
PERFORMANCE
MODEL NO.
MD7LC-0
MD7LC-1
Max. continuous operating voltage (Uc)
Output voltage
±0.2V
Excitation
15V
Line to Earth*1
±15V
Voltage protection level (Up)
Output voltage
±15V @0.2kV(1.2 / 50 µs)
±40V @6kV (1.2 / 50 µs)
Excitation
30V @0.2kV (1.2 / 50 µs)
50V @6kV (1.2 / 50 µs)
Line to Earth*1
±30V @0.2kV (1.2 / 50 µs)
±50V @6kV (1.2 / 50 µs)
Leakage current @Uc
Output voltage
≤0.2µA
Excitation
≤2µA
Line to Earth*1
≤2µA
Response time
≤4 nsec.
Max. discharge current (Imax)
100A (8 / 20 µs)
20kA (8 / 20 µs), 1kA (10 / 350 µs)
Nominal current (IN)
----
250mA
Internal series resistance
----
1.5Ω ±10% per line
*1. Measured across the terminal 2 and DIN rail, the terminal 7 and DIN rail.
STANDARDS & APPROVALS
EU conformity:
ATEX Directive
Ex ia EN 60079-11
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Safety approval:
II 1G, Ex ia IIC; T4 and T5
EN 60079-0
EN 60079-11
CENELEC: Intrinsic safety (ATEX)
Surge protection:
IEC 61643-21
EN 61643-21
(Categories C1, C2, D1;
applicable with series resistance only)
SAFETY PARAMETERS
■ CENELEC / ATEX IS DATA
Ui (Vmax)
16V
Ii (Imax)
any
Ci
35 nF
Li
0 µH
Pi
Temp. Class
Range
Parameter
T4
-25 to +40°C
1.3W
-25 to +60°C
1.2W
-25 to +80°C
1.0W
T5
-25 to +40°C
1.0W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com