Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7G Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7G
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7G Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7G Datasheet HTML 1Page - M-System Co.,Ltd. MD7G Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: MD7G
MD7G SPECIFICATIONS
ES-8065 Rev.3 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
(.28)
98 (3.86)
[1.5 (.06)]
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
CIRCUIT DIAGRAM
2
5
3
6
8
7
1
4
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
Grounding
DO NOT connect to unused terminals.
*1. Oxide coating of an aluminium rail may lower the electric conductivity
between this module and the ground. Use a steel or copper rail.
*2. Be sure to ground the DIN rail.
Recommended grounding resistance ≤100Ω
*2
*1
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com