Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD74R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MD74R
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD74R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MD74R Datasheet HTML 1Page - M-System Co.,Ltd. MD74R Datasheet HTML 2Page - M-System Co.,Ltd. MD74R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MD74R
MD74R SPECIFICATIONS
ES-8058 Rev.11 Page 3/3
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
2
6
3
7
8
DISCHARGE
ELEMENT
DISCHARGE
ELEMENT
DIN RAIL ADAPTOR
(for grounding)
4
1
5
2
6
3
7
8
4
1
Series Resistance
Series Resistance
Protected Device
MD74R-FF
SG
SHLD
FG
+
–
*2
LINE
DIN RAIL
DIN RAIL
Grounding
Grounding
MD74R-FG*1
Crossover Wire*5
*3
*3
*4
*4
Crossover Wire*5
(SHLD)
(SHLD)
DISCHARGE
ELEMENT
DISCHARGE
ELEMENT
DIN RAIL ADAPTOR
(for grounding)
Protected Device
SG
SHLD
FG
+
–
LINE
Surge
Side
Surge
Side
Protected
Side
Protected
Side
*1. Choose the MD74R-FG when the shield wire is to be grounded.
*2. When SHLD and SG terminals are not isolated, DO NOT connect the surge protector’s terminal 7 to SHLD.
*3. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*4. Be sure to ground the DIN rail. Recommended grounding resistance max. 100 ohms.
*5. Cross-wire from the DIN rail to the metal housing of the protected device to equalize the ground potential.
Ground only the surge protector when the protected device has no grounding terminal.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com