Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD72WD Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MD72WD
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD72WD Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MD72WD Datasheet HTML 1Page - M-System Co.,Ltd. MD72WD Datasheet HTML 2Page - M-System Co.,Ltd. MD72WD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MD72WD
MD72WD SPECIFICATIONS
ES-8068 Rev.6 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
(.28)
98 (3.86)
[1.5 (.06)]
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
2
6
3
7
8
4
1
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
Grounding
Crossover Wire
*1. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω
*3. Cross-wire between the DIN rail or the terminal 7 and the metal housing of the protected device to equalize
the earth potential. Ground only the surge protector when the protected device has no ground terminal.
*2
*1
*3
DISCHARGE
ELEMENT
Surge Side
Protected Side
Current Loop
Supply
+
–
FG
4 – 20mA
Transmitter
Field-mount
Surge Protector
(model: MD6x)
+
–
DISCHARGE
ELEMENT
Current Loop
Supply
+
–
FG
4 – 20mA
Transmitter
Field-mount
Surge Protector
(model: MD6x)
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com