Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD72W Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MD72W
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD72W Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MD72W Datasheet HTML 1Page - M-System Co.,Ltd. MD72W Datasheet HTML 2Page - M-System Co.,Ltd. MD72W Datasheet HTML 3Page - M-System Co.,Ltd. MD72W Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MD72W
MD72W SPECIFICATIONS
ES-8051 Rev.8 Page 1/4
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
TWO-WIRE SIGNAL LOOP
(ultra-slim)
Functions & Features
• High discharge current capacity 20 kA (8 / 20μs), 1 kA (10
/ 350 μs)
• Ultra-thin 7-mm-wide module can be mounted
in high density
• Excellent protection employing multi-stage SPD circuits
• DIN rail mounting and grounding
• Loop disconnect fuse
Typical Applications
• Protecting a 2-wire transmitter loop
• Protecting an electronic device I/O
7 (.28)
98
(3.86)
mm (inch)
95
(3.74)
MODEL: MD72W–[1][2][3][4]
ORDERING INFORMATION
• Code number: MD72W-[1][2][3][4]
Specify a code from below for each [1] through [4].
(e.g. MD72W-5500/Q)
For the safety approval code 2, specify the product’s
destination country using Ordering Information Sheet (No.
ESU-8057).
• Specify the specification for option code /Q
(e.g. /C01)
[1] NOMINAL VOLTAGE
07: 7 V DC
16: 16 V DC
32: 32 V DC
55: 55 V DC
[2] LOOP DISCONNECT FUSE
0: Without
1: With (CENELEC intrinsic safety (ATEX) not available)
[3] SAFETY APPROVAL
0: None
2: CENELEC intrinsic safety (ATEX)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
(CENELEC intrinsic safety (ATEX) not available)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• Loop disconnect fuse (model: MD7F)
GENERAL SPECIFICATIONS
Construction: Slim-sized front terminal structure
Degree of protection: IP20
Connection: Euro terminal block (torque 0.3 N·m)
Applicable wire size: 0.2 – 2.5 mm2, stripped length 8 mm
Grounding: DIN Rail
Housing material: Flame-resistant resin (black)
Loop disconnect fuse: Current rating 250 mA
INSTALLATION
Operating temperature: -25 to +85°C (-13 to +185°F)
(See Safety Parameters for use in a hazardous location.)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN Rail (TH35-7.5, 1-mm-thick)
Oxide film on the surface of an aluminium DIN rail may
lower the electric conductivity between this module and the
ground. Use a steel or copper rail.
Weight: 70 g (2.5 oz)


Similar Part No. - MD72W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MD72WD MSYSTEM-MD72WD Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD72WD-070 MSYSTEM-MD72WD-070 Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD72WD-070/Q MSYSTEM-MD72WD-070/Q Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD72WD-072 MSYSTEM-MD72WD-072 Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD72WD-072/Q MSYSTEM-MD72WD-072/Q Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MD72W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com