Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2K4 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP2K4
Description  High-Performance IPD for Battery Chargers MIP2Kx Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2K4 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP2K4 Datasheet HTML 1Page - Panasonic Semiconductor MIP2K4 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency jitter function
Electric characteristics (MIP2K4:Worldwide input, 8.3V/1.5A output)
For power supply
• European and American
companies
• Local Asian companies
• Other local companies
•Domestic Japanese
companies
• Japanese companies in
Asia (50% or more owned)
MIP2K□□
Application
Disable to supply
Able to supply
Parts No.
1) The sale and/or the export of IPD products to any customer or customers located in any country other than Japan is expressly prohibited by the
Agreement made and executed by and between Power Integrations, Inc. and Matsushita Electric Industrial Co., Ltd.
2) IPD products purchased from Matsushita Electric Industrial Co., Ltd., or its authorized agents, hereinafter referred to as Matsushita Electric
Industrial Co., Ltd., shall be used only for production purposes by those parties who have duly purchased IPD products. Those who have purchased
IPD products shall not use such IPD products in unmodified form for re-sale, loan, or sample shipment for evaluation purposes to any other parties.
3) If a party who has duly purchased IPD products subcontracts its production to any other parties, including its subsidiaries or any other third parties
inside and/or out of Japan, and the IPD products are consigned to such subcontracting parties thereat, such party is obligated to monitor and control
the quantity of IPD products to prevent any of the aforementioned re-sale, loan or sample shipments from taking place.
4) In the event that any actual or threatened breach or violation of any of the above mentioned 1, 2, or 3, has occurred or is about to occur, Matsushita
Electric Industrial Co., Ltd. will hold all shipments of IPD products and may request the party alleged to be responsible for such occurrence for
necessary.
VI characteristics of adapter circuit
Power efficiency
Vo vs Io
0
1
2
3
4
5
6
7
8
9
0123
Io [A]
100V
240V
η vs Po
0
20
40
60
80
100
024
68
10
12
Po [W]
100V
240V
Adapter circuit sample (MIP2K4)
By frequency jitter function, frequency jitter variation(
∆f) changes periodically, by frequency of frequency jitter
modulation factor (fM) as shown below.
fosc=100kHz typ,
∆f=5.5kHz typ, fM=260Hz typ
Precautions on the Sales of IPDs
1/fM=1/260Hz
∆f=5.5kHz
fosc=100kHz (average value of frequency)
Time
Frequency
Drain current
105.5kHz
94.5kHz
Frequency: High
Frequency: Low
*All values are typical



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com