Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS03 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CMS03
Description  Pioneer BA49183 RDS MEDIA CENTER RECEIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS03 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CMS03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 9Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 10Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 11Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MVH-X360BT/XINEW5
8
12
3
4
12
3
4
C
D
F
A
B
E
2.2 DISC/CONTENT FORMAT
MVH-X365BT/XINGS
Backup current.................. 4.0 mA or less
General
Rated power source .........14.4 V DC
(allowable voltage range:
12.0 V to 14.4 V DC)
Grounding system ............ Negative type
Maximum current consumption
................................... 10.0 A
Dimensions (W × H × D):
DIN
Chassis ............................ 178 mm × 50 mm × 165 mm
Nose ................................ 188 mm × 58 mm × 15 mm
D
Chassis ............................ 178 mm × 50 mm × 165 mm
Nose ................................ 170 mm × 46 mm × 16 mm
Weight ............................. 0.7 kg
Audio
Maximum power output ... 50 W × 4
70 W × 1/2
Ω (for subwoofer)
Continuous power output
................................... 22 W × 4 (50 Hz to 15 000 Hz,
5 % THD, 4
Ω load, both chan-
nels driven)
Load impedance .............. 4
Ω (4 Ω to 8 Ω allowable)
Preout maximum output level
................................... 2.0 V
Loudness contour ............ +10 dB (100 Hz), +6.5 dB
(10 kHz) (volume:–30 dB)
Equalizer (5-Band Graphic Equalizer):
Frequency ........................ 80 Hz/250 Hz/800 Hz/2.5 kHz/
8 kHz
Equalization range ........... ±12 dB (2 dB step)
Subwoofer (mono):
Frequency ........................ 50 Hz/63 Hz/80 Hz/100 Hz/
125 Hz/160 Hz/200 Hz
Slope ............................... –12 dB/oct, –24 dB/oct
Gain ................................ +6 dB to –24 dB
Phase .............................. Normal/Reverse
USB
USB standard specification
................................... USB 2.0 full speed
Maximum current supply
................................... 1 A
USB Class ....................... MSC (Mass Storage Class)
File system....................... FAT12, FAT16, FAT32
MP3 decoding format ...... MPEG-1 & 2 Audio Layer 3
WMA decoding format ..... Ver. 7, 7.1, 8, 9, 10, 11, 12 (2 ch
audio)
(Windows Media Player)
WAV signal format ...........Linear PCM & MS ADPCM
(Non-compressed)
FM tuner
Frequency range ..............87.5 MHz to 108.0 MHz
Usable sensitivity ............. 9 dBf (0.8 µV/75
Ω , mono, S/N:
30 dB)
Signal-to-noise ratio ......... 72 dB (IEC-A network)
MW tuner/AM tuner
Frequency range .............. 531 kHz to 1 602 kHz (9 kHz)
530 kHz to 1 640 kHz (10 kHz)
Usable sensitivity ............. 25 µV (S/N: 20 dB)
Signal-to-noise ratio ......... 62 dB (IEC-A network)
SW tuner
Frequency range .............. 2 300 kHz to 7 735 kHz
(2 300 kHz to 2 495 kHz,
2 940 kHz to 4 215 kHz,
4 540 kHz to 5 175 kHz,
5 820 kHz to 6 455 kHz,
7 100 kHz to 7 735 kHz)
9 500 kHz to 21 975 kHz
(9 500 kHz to 10 135 kHz,
11 580 kHz to 12 215 kHz,
13 570 kHz to 13 870 kHz,
15 100 kHz to 15 735 kHz,
17 500 kHz to 17 985 kHz,
18 015 kHz to 18 135 kHz,
21 340 kHz to 21 975 kHz)
Usable sensitivity ............. 28 µV (S/N: 20 dB)
Signal-to-noise ratio ......... 62 dB (IEC-A network)
Bluetooth
Version ............................Bluetooth 3.0 certified
Output power ................... +4 dBm Maximum
(Power class 2)
Note
Specifications and the design are subject to
modifications without notice.
The Bluetooth word mark and logos are registered trademarks owned by Bluetooth SIG, Inc.
and any use of such marks by PIONEER CORPORATION is under license.
Other trademarks and trade names are those of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com