Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

817B Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # 817B
Description  High Density Mounting Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

817B Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  817B Datasheet HTML 1Page - Lite-On Technology Corporation 817B Datasheet HTML 2Page - Lite-On Technology Corporation 817B Datasheet HTML 3Page - Lite-On Technology Corporation 817B Datasheet HTML 4Page - Lite-On Technology Corporation 817B Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12-111
Ordering Information
Part Number
Package
Safety Standard Approval
Application part
number
LTV-817
LTV-817M
LTV-817S
LTV-817S-TA
LTV-817S-TA1
LTV817-V
LTV817M-V
LTV817S-V
LTV817STA-V
LTV817STA1-V
LTV-827
LTV-827M
LTV-827S
LTV-827S-TA
LTV-827S-TA1
LTV-847
LTV-847M
LTV-847S
LTV-847S-TA
LTV-847S-TA1
LTV827-V
LTV827M-V
LTV827S-V
LTV827STA-V
LTV827STA1-V
LTV847-V
LTV847M-V
LTV847S-V
LTV847STA-V
LTV847STA1-V
4-pin DIP
4-pin (leads with 0.4" spacing)
4-pin (lead bends for surface mount)
4-pin (tape and reel packaging of type I)
4-pin (tape and reel packaging of type II)
8-pin DIP
8-pin (leads with 0.4" spacing)
8-pin (lead bends for surface mount)
8-pin (tape and reel packaging of type I)
8-pin (tape and reel packaging of type II)
16-pin DIP
16-pin (leads with 0.4" spacing)
16-pin (lead bends for surface mount)
16-pin (tape and reel packaging of type I)
16-pin (tape and reel packaging of type II)
4-pin DIP
4-pin (leads with 0.4" spacing)
4-pin (lead bends for surface mount)
4-pin (tape and reel packaging of type I)
4-pin (tape and reel packaging of type II)
8-pin DIP
8-pin (leads with 0.4" spacing)
8-pin (lead bends for surface mount)
8-pin (tape and reel packaging of type I)
8-pin (tape and reel packaging of type II)
16-pin DIP
16-pin (leads with 0.4" spacing)
16-pin (lead bends for surface mount)
16-pin (tape and reel packaging of type I)
16-pin (tape and reel packaging of type II)
UL approved
TUV approved
CSA approved
FIMKO approved
NEMKO approved
SEMKO approved
DEMKO approved
VDE approved
LTV-817
LTV-827
LTV-847
LTV-817
LTV-827
LTV-847
Note:
1.Year date code.
2. 2-digit work week.
3. Factory code shall be marked (Z : Taiwan, Y : Thailand).
4.Rank shall be or shall not be marked.
5. All dimensions are in millimeters (inches).
6. Tolerance is
0.25mm (.010 ) unless otherwise noted.
7. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com