Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386-P08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LM386-P08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386-P08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  LM386-P08-R Datasheet HTML 1Page - Unisonic Technologies LM386-P08-R Datasheet HTML 2Page - Unisonic Technologies LM386-P08-R Datasheet HTML 3Page - Unisonic Technologies LM386-P08-R Datasheet HTML 4Page - Unisonic Technologies LM386-P08-R Datasheet HTML 5Page - Unisonic Technologies LM386-P08-R Datasheet HTML 6Page - Unisonic Technologies LM386-P08-R Datasheet HTML 7Page - Unisonic Technologies LM386-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM386
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R107-007.H
TYPICAL CHARACTERISTICS(cont.)
0
0.1
0.001
0.01
1.0
Power Output (Watts)
1
2
3
4
5
6
7
8
9
10
Vs=6V
RL=8Ω
f=1kHz
Distortion vs Output Power
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
1.0
Device Dissipaton vs Output Power -
4ΩLoad
Output Power (W)
0.5
1.2
1.4
1.6
1.8
2.0
Vs=6V
Vs=12V
Vs=9V
3% THD
LEVEL
10%
THD
LEVEL
0 0.1 0.2 0.3 0.4
0
0.2
0.4
0.6
0.8
1.0
Device Dissipaton vs Output Power -
8ΩLoad
Output Power (W)
0.5
1.2
1.4
1.6
1.8
2.0
0.6 0.7 0.8 0.9 1.0
Vs=12V
Vs=9V
Vs=6V
Vs=16V
3% THD
LEVEL
10%
THD
LEVEL
0 0.2 0.4 0.6 0.8
0
0.2
0.4
0.6
0.8
1.0
Device Dissipaton vs Output Power -16ΩLoad
Output Power (W)
1.0 1.21.4 1.61.8 2.0
Vs=12V
Vs=9V
Vs=6V
Vs=16V
3% THD
LEVEL
10%
THD
LEVEL
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com