Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5579 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC5579
Description  181 Channel Voltage Buffers for TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5579 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC5579 Datasheet HTML 1Page - E-CMOS Corporation EC5579 Datasheet HTML 2Page - E-CMOS Corporation EC5579 Datasheet HTML 3Page - E-CMOS Corporation EC5579 Datasheet HTML 4Page - E-CMOS Corporation EC5579 Datasheet HTML 5Page - E-CMOS Corporation EC5579 Datasheet HTML 6Page - E-CMOS Corporation EC5579 Datasheet HTML 7Page - E-CMOS Corporation EC5579 Datasheet HTML 8Page - E-CMOS Corporation EC5579 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC5579
18+1 Channel Voltage Buffers for TFT LCD
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
2007/06/29
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter Description
Condition
Min
Typ
Max
Units
Input Characteristics
VOS
Input Offset Voltage
VCM= 0V
—
2
12
mV
TCVOS
Average Offset Voltage Drift
[1]
—
5
—
µ
V/°C
IB
Input Bias Current
VCM= 0V
—
2
50
nA
RIN
Input Impedance
—
—
1
—
G
CIN
Input Capacitance
—
—
1.35
—
pF
Output Characteristics
VOL
Output Swing Low
IL= -5mA (A, B, Q, R rail-to-rail Buffers)
-4.92
-4.85
V
VOH
Output Swing High
IL= 5mA (A, B, Q, R rail-to-rail Buffers)
4.85
4.92
—
V
VOL
Output Swing Low
IL= -5mA (C ~ P Buffers)
-3.5
—
—
V
VOH
Output Swing High
IL= 5mA (C ~ P Buffers)
3.5
—
—
V
ISC
Short Circuit Current
(A ~ R Buffers)
—
±120
—
mA
IOUT
Output Current
(A ~ R Buffers)
—
±30
—
mA
ISC(Com)
Short Circuit Current
(Com Buffer)
—
±300
—
mA
IOUT(Com)
Output Current
(Com Buffer)
—
±100
—
mA
Power Supply Performance
PSRR
Power Supply Rejection Ratio
VS is moved from ±3.25V to ±7.75V
60
80
—
dB
IS
Supply Current (Per Amplifier)
No Load (A ~ R Buffers)
—
500
750
µA
IS(Com)
Supply Current
(Com Buffer)
—
8
—
mA
Dynamic Performance
SR
Slew Rate [2]
-4.0V≦VOUT≦4.0V, 20% to 80%
—
1
—
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO=2V Step
—
5
—
µs
BW
-3dB Bandwidth
RL = 10KΩ, CL = 10PF
—
2
—
MHz
PM
Phase Margin
RL = 10KΩ, CL = 10PF
—
60
—
Degrees
CS
Channel Separation
f = 1 MHz
—
75
—
dB
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com