Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPSP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDPSP
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPSP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDPSP Datasheet HTML 1Page - M-System Co.,Ltd. MDPSP Datasheet HTML 2Page - M-System Co.,Ltd. MDPSP Datasheet HTML 3Page - M-System Co.,Ltd. MDPSP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MDP-SP
MDP-SP SPECIFICATIONS
ES-8123 Rev.18 Page 1/4
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
LOW FREQUENCY USE
Functions & Features
• Designed specifically to protect frequency generating
devices such like flowmeters and frequency transmitters
from lightning surge damage that enters on the wiring
between these instruments
• Absorbs surges only without affecting instrumentation
signal
• No interruption of signal by unplugging the protector
element
MODEL: MDP–SP[1]
ORDERING INFORMATION
• Code number: MDP-SP[1]
Specify a code from below for [1].
(e.g. MDP-SP/A33/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
DIN Rail Mounting Adapter
blank: Without
/A33: With adapter (model A-33)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 140 g (0.31 lb), standard
165 g (0.36 lb), with DIN rail mounting adapter
PERFORMANCE
Max. continuous operating voltage (Uc):
B to C: ±14 V
B or C to A: 14 V
Line to earth: ±140 V
Voltage protection level (Up):
• @ 1 kV (100 A)
2 to 3: ±30 V
2 or 3 to 1: 30 V
Line to earth: ±650 V
• @ 2 kV (1 kA)
2 to 3: ±30 V
2 or 3 to 1: 30 V
Line to earth: ±800 V
Response time: ≤ 0.1 μsec.
Leakage current:
B to C: ≤ 10 μA @ ±14 V DC
B or C to A: ≤ 10 μA @ 14 V DC
Line to earth: ≤ 10 μA @ ±140 V DC
Max. discharge current (Imax): 5000 A (8 / 20 μs)
Nominal current (IN): 50 mA
Internal series resistance: 10 Ω ±10 %
Capacitance @ 1 MHz:
Line to line: ≤ 1000 pF
Line to earth: ≤ 100 pF
Surge protection: IEC 61643-21 Categories C1, C2, D1
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - MDPSP

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
MDP POMONA-MDP Datasheet
84Kb / 1P
Stackable Double Banana Plug with Cable Guide
logo
Adam Technologies, Inc.
MDP-006 ADAM-TECH-MDP-006 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
logo
M-System Co.,Ltd.
MDP-100T MSYSTEM-MDP-100T Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-100T/A33 MSYSTEM-MDP-100T/A33 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDPSP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com