Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPRB Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPRB
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPRB Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPRB Datasheet HTML 1Page - M-System Co.,Ltd. MDPRB Datasheet HTML 2Page - M-System Co.,Ltd. MDPRB Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDP-RB
MDP-RB SPECIFICATIONS
ES-8114 Rev.20 Page 2/3
https://www.m-system.co.jp/
CONNECTION EXAMPLES
B
G
A
2
C
3
1
MDP-RB
B
G
A
2
C
3
1
MDP-RB
B
+
A
B
RTD XMTR
(PROTECTED EQUIPMENT)
OUTPUT
INPUT
V
U
POWER
A
B
B
RTD
(PROTECTED EQUIPMENT)
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
B
C
2
3
A
1
31.5 [1.24]
2–5 [.20] dia.
MTG HOLE
6–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 [1.06]
53 [2.09]
80 [3.15]
HEAD ELEMENT
BASE
31.5 [1.24]
6–M4 TERMINAL SCREW
27 [1.06]
53 [2.09]
80 [3.15]
DIN RAIL
35mm wide
B
C
2
3
A
1
8.5
[.33] (3.3 [.13])
2–M4 MOUNTING SCREW
(used as ground terminal (G))
■ STANDARD
■ WITH DIN RAIL MOUNTING ADAPTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com