Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPPA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPPA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPPA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPPA Datasheet HTML 1Page - M-System Co.,Ltd. MDPPA Datasheet HTML 2Page - M-System Co.,Ltd. MDPPA Datasheet HTML 3Page - M-System Co.,Ltd. MDPPA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MDP-PA
MDP-PA SPECIFICATIONS
ES-8207 Rev.9 Page 2/4
http://www.m-system.co.jp/
CONNECTION EXAMPLES
Protected Device
M-RESTER
G
1
3
A
C
2
SHLD
G
+
–
B
PA
BUS
Grounding
≤ 100Ω
Cross wiring
*2
*1
*1. Cross wire to the surge protector’s ‘G’ terminal when grounding the shield wire.
If the shield wire is not to be grounded, connect it to ‘B’ terminal.
*2. Follow instructions provided with the protected device whether ‘2’ terminal
should be connected or not. However, if the shield terminal of the protected
device is not isolated from PA BUS, DO NOT connect ‘2’ terminal to the
protected device.
■ CONNECTION DIAGRAM
Protected
Devices
(Nodes)
M-RESTER
G
G
G
G
M-RESTER
G
G
G
Protected
Devices
(Nodes)
When the distance between nodes are relatively long (e.g. grouped and separated by cabinets),
install the MDP-PA by each group of devices. Insert the MDP-PA at the surge side of the network.
For detailed information on the network, refer to that provided by PROFIBUS International or
Fieldbus Foundation.
*1. Fieldbus devices complying with IEC 61158-2 operate by a supply voltage between
9V and 32V DC.
Take the MDP-PA’s internal series resistance into consideration when determining the
cable distance if there is a large current flow on the bus line.
Crossover Wire
Crossover Wire
*1
■ NETWORK CONFIGURATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com