Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPEC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPEC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPEC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPEC Datasheet HTML 1Page - M-System Co.,Ltd. MDPEC Datasheet HTML 2Page - M-System Co.,Ltd. MDPEC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDP-EC
MDP-EC SPECIFICATIONS
ES-8117 Rev.12 Page 2/3
http://www.m-system.co.jp/
CONNECTION EXAMPLES
ECR
1
3
4
MDP-EC
G
S+
S–
P+
P–
MDP-EC
G
3
4
ECT
1
P+
P–
S+
S–
(PROTECTED
EQUIPMENT)
(PROTECTED
EQUIPMENT)
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
27 (1.06)
53 (2.09)
80 (3.15)
P–
P+
S–
S+
23.5 (.93)
4–M4 TERMINAL SCREW
DIN RAIL
35mm wide
8.5
(.33) [3.3 (.13)]
2–M4 MOUNTING SCREW
(used as ground terminal (G))
■ STANDARD
■ WITH DIN RAIL MOUNTING ADAPTER
P–
P+
S–
S+
23.5 (.93)
2–5 (.20) dia.
MTG HOLE
4–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 (1.06)
53 (2.09)
80 (3.15)
HEAD ELEMENT
BASE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com