Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP-DM3/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDP-DM3/Q
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDP-DM3/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDP-DM3/Q Datasheet HTML 1Page - M-System Co.,Ltd. MDP-DM3/Q Datasheet HTML 2Page - M-System Co.,Ltd. MDP-DM3/Q Datasheet HTML 3Page - M-System Co.,Ltd. MDP-DM3/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MDP-DM3
MDP-DM3 SPECIFICATIONS
ES-8110 Rev.10 Page 1/4
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR MsysNet USE
Functions & Features
• Designed specifically for the network
• No interruption of transmission signal by unplugging the
head element module
MODEL: MDP–DM3[1]
ORDERING INFORMATION
• Code number: MDP-DM3[1]
Specify a code from below for [1].
(e.g. MDP-DM3/A33/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
DIN Rail Mounting Adapter
blank: Without
/A33: With adapter (model A-33)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Repeater (model: DALx)
• Multi-transmission module (model: 22LAx)
• Multi-transmission unit (model: DLAx)
APPLICABLE NETWORK
SIN-NET (conform to RS-422), MsysNet, MsysNet-mini,
MuNet (RS-485), EC Cable (model ECx-5P)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 100 g (0.22 lb), standard; 125 g (0.28 lb), with DIN
rail mounting adapter
PERFORMANCE
Max. continuous operating voltage (Uc):
B to C: ±5 V
B or C to A: 5 V
Line to earth: ±140 V
Voltage protection level (Up):
• @ 1 kV (100 A)
2 to 3: ±10 V
2 or 3 to 1: 10 V
Line to earth: ±650 V
• @ 2 kV (1 kA)
2 to 3: ±20 V
2 or 3 to 1: 20 V
Line to earth: ±800 V
Response time: ≤ 0.1 μsec.
Leakage current:
B to C: ≤ 0.2 mA @ ±5 V DC
B or C to A: ≤ 0.2 mA @ 5 V DC
Line to earth: ≤ 10 μA @ ±140 V DC
Max. discharge current (Imax): 5000 A (8 / 20 μs)
Nominal current (IN): 100 mA
Internal series resistance: 4 Ω ±10 % (including return)
Capacitance @ 1 MHz:
Line to line: ≤ 20 nF
Line to earth: ≤ 50 pF
Input attenuation: -0.5 dB or less @ DC to 100 kHz, Zo =
110 Ω
Surge protection: IEC 61643-21 Categories C1, C2, D1


Similar Part No. - MDP-DM3/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDP-DM MSYSTEM-MDP-DM Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-DM/A33 MSYSTEM-MDP-DM/A33 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-DM/Q MSYSTEM-MDP-DM/Q Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDP-DM3/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPA24 MSYSTEM-MDPA24 Datasheet
133Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com