Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP-D12/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDP-D12/Q
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDP-D12/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDP-D12/Q Datasheet HTML 1Page - M-System Co.,Ltd. MDP-D12/Q Datasheet HTML 2Page - M-System Co.,Ltd. MDP-D12/Q Datasheet HTML 3Page - M-System Co.,Ltd. MDP-D12/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MDP-D
MDP-D SPECIFICATIONS
ES-8203 Rev.9 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
31.5 [1.24]
MONITOR LED
6–M4 TERMINAL SCREW
S+
G
S–
P+
G
P–
27 [1.06]
53 [2.09]
80 [3.15]
DIN RAIL
35mm wide
2–M4 MOUNTING SCREW
(used as ground terminal (G))
8.5
[.33] (3.3 [.13])
G
S+
G
P+
S–
P–
31.5 [1.24]
2–5 dia.
MTG HOLE
MONITOR LED
6–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 [1.06]
53 [2.09]
80 [3.15]
HEAD ELEMENT
BASE
■ STANDARD
■ WITH DIN RAIL MOUNTING ADAPTER
MOUNTING REQUIREMENTS unit: mm [inch]
33 [1.30] min.
2–M4 SCREW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com