Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP65T Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDP65T
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDP65T Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDP65T Datasheet HTML 1Page - M-System Co.,Ltd. MDP65T Datasheet HTML 2Page - M-System Co.,Ltd. MDP65T Datasheet HTML 3Page - M-System Co.,Ltd. MDP65T Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MDP-65T
MDP-65T SPECIFICATIONS
ES-8223 Rev.5 Page 2/4
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
CONNECTION EXAMPLES
M-RESTER
IN
M-RESTER
CURRENT LOOP SUPPLY
(protected device)
2-WIRE TRANSMITTER
(protected device)
CENTRAL
STATION
FIELD
G
FROM
FIELD
TO
CENTRAL
STATION
+
–
P–
P+
S–
S+
P–
P+
S–
S+
CABLE
G
G
G
+
–
■ PROTECTING TWO-WIRE SIGNAL LINES
■ PROTECTING ELECTRONIC INSTRUMENTS’ I/O
P+
G
P–
S+
S–
+
–
+
–
U
V
G
Receiver
(protected device)
+
–
+
–
U
V
G
Transmitter
(protected device)
M-RESTER
S+
G
S–
P+
P–
M-RESTER Signal
Line
*1
*2
*2
*1. Install a circuit protector when the transmitter output current exceeds 100mA.
*2. The M-RESTER is designed in particular to protect signal lines.
To protect power supply lines, install other types of surge protectors.
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com