Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP100T Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDP100T
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDP100T Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDP100T Datasheet HTML 1Page - M-System Co.,Ltd. MDP100T Datasheet HTML 2Page - M-System Co.,Ltd. MDP100T Datasheet HTML 3Page - M-System Co.,Ltd. MDP100T Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MDP-100T
MDP-100T SPECIFICATIONS
ES-8226 Rev.2 Page 1/4
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
AC/DC POWER SUPPLY USE (1A)
(photovoltaic system, instrument shelter)
Functions & Features
• Designed for AC and specifically for DC power supplies up
to 1 A
• Beneficial for protecting instruments from
counter electromotive force by inductors and of course
normal lightning surges entering from power supply lines
• 1 A fuse incorporated in element circuit
80 (3.15)
100
(3.94)
23.5 (.93)
mm (inch)
MODEL: MDP–100T[1]
ORDERING INFORMATION
• Code number: MDP-100T[1]
Specify a code from below for [1].
(e.g. MDP-100T/A33/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
DIN Rail Mounting Adapter
blank: Without
/A33: With adapter (model A-33)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Plug-in
Surge protection type: Voltage limiting type one-port SPD
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -20 to +80°C (-4 to +176°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight:
90 g (0.20 lb), standard
115 g (0.25 lb), with DIN rail mounting adapter
PERFORMANCE
Max. line voltage (Uc): 120 V AC (peak voltage 170V)
Discharge voltage:
Line to line: 190 V
Line to earth: 410 V
Voltage protection level (Up):
Line to line: 400 V
Line to earth: 800 V
Response time: ≤ 0.1 μsec.
Leakage current:
Line to line: ≤ 0.15 mA @ 150 V DC
Line to earth: ≤ 0.15 mA @ 300 V DC
Max. discharge current (Imax): 1000 A (8/ 20 μsec.)
Nominal current (IN): 1.0 A
Dielectric strength of the base module:
1500 V AC @ 1 minute (G terminal to other terminals)
Internal series resistance: ≤ 0.4 Ω (including return)
Surge protection: IEC 61643-1 Class III


Similar Part No. - MDP100T

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDP100 MSYSTEM-MDP100 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDP100T

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com