Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDLC2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDLC2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDLC2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDLC2 Datasheet HTML 1Page - M-System Co.,Ltd. MDLC2 Datasheet HTML 2Page - M-System Co.,Ltd. MDLC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MD-LC2
http://www.m-system.co.jp/
MD-LC2 SPECIFICATIONS
ES-8228 Rev.4 Page 3/3
SCHEMATIC CIRCUITRY
11
15
12
5
1
10
8
9
Discharge
Element
10Ω
S
+
14 S–
7 –
3
6
G SHIELD
+
2
4
Voltage
Limiter
4Ω
4Ω
10Ω
10Ω
10Ω
SIGNAL
EXC
L1(+)
L2(–)
S
+
S
–
–
SHIELD G
(Grounding)
+
SIGNAL
EXC
L1(+)
L2(–)
EQUIPMENT
SIDE
CABLE
SIDE
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com