Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6505 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6505 Datasheet HTML 9Page - National Semiconductor (TI) LMH6505 Datasheet HTML 10Page - National Semiconductor (TI) LMH6505 Datasheet HTML 11Page - National Semiconductor (TI) LMH6505 Datasheet HTML 12Page - National Semiconductor (TI) LMH6505 Datasheet HTML 13Page - National Semiconductor (TI) LMH6505 Datasheet HTML 14Page - National Semiconductor (TI) LMH6505 Datasheet HTML 15Page - National Semiconductor (TI) LMH6505 Datasheet HTML 16Page - National Semiconductor (TI) LMH6505 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Application Information (Continued)
GAIN ACCURACY
Gain accuracy is defined as the actual gain compared
against the theoretical gain at a certain V
G, the results of
which are expressed in dB. (See Figure 2).
Theoretical gain is given by:
Eq. 3
Where K = 0.940 (nominal) N = 1.01V & V
C =79mV @ room
temperature
ForaV
G range, the value specified in the tables represents
the worst case accuracy over the entire range. The "Typical"
value would be the difference between the "Typical gain" and
the "Theoretical gain." The "Max" value would be the worst
case difference between the actual gain and the "Theoretical
gain" for the entire population.
GAIN MATCHING
As Figure 2 shows, gain matching is the limit on gain varia-
tion at a certain V
G, expressed in dB, and is specified as
"±Max" only. There is no "Typical." For a V
G range, the value
specified represents the worst case matching over the entire
range. The "Max" value would be the worst case difference
between the actual gain and the typical gain for the entire
population.
GAIN PARTITIONING
If high levels of gain are needed, gain partitioning should be
considered:
The maximum gain range for this circuit is given by the
following equation:
Eq. 4
The LMH6624 is a low noise wideband voltage feedback
amplifier. Setting R
2 at 909
Ω and R
1 at 100
Ω produces a
gain of 20 dB. Setting R
F at 1000
Ω as recommended and R
G
at 50
Ω, produces a gain of about 26 dB in the LMH6505. The
total gain of this circuit is therefore approximately 46 dB. It is
important to understand that when partitioning to obtain high
levels of gain, very small signal levels will drive the amplifiers
to full scale output. For example, with 46 dB of gain, a 20 mV
signal at the input will drive the output of the LMH6624 to
200 mV and the output of the LMH6505 to 4V. Accordingly,
the designer must carefully consider the contributions of
each stage to the overall characteristics. Through gain par-
titioning the designer is provided with an opportunity to op-
timize the frequency response, noise, distortion, settling
time, and loading effects of each amplifier to achieve im-
proved overall performance.
LMH6505 GAIN CONTROL RANGE AND MINIMUM GAIN
Before discussing Gain Control Range, it is important to
understand the issues which limit it. The minimum gain of the
LMH6505 is theoretically zero, but in practical circuits it is
limited by the amount of feedthrough, here defined as the
gain when V
G = 0V. Capacitive coupling through the board
and package, as well as coupling through the supplies, will
determine the amount of feedthrough. Even at DC, the input
signal will not be completely rejected. At high frequencies
feedthrough will get worse because of its capacitive nature.
At frequencies below 10 MHz, the feed through will be less
than −60 dB and therefore, it can be said that with
A
VMAX = 20 dB, the gain control range is 80 dB.
20171051
FIGURE 2. LMH6505 Gain Accuracy & Gain Matching
Defined
20171052
FIGURE 3. Gain Partitioning
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com