Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-14560-P Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LSMT2-14560-P
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-14560-P Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LSMT2-14560-P Datasheet HTML 1Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-14560-P Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LSMT2
ES-1954 Rev.6
Specifications subject to change without notice.
P. 4 / 10
CONNECTION DIAGRAM, OUTPUT & AUXILIARY SUPPLY
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENT mm (inch)
MOUNTING REQUIREMENTS mm (inch)
14
15
1
16
17
18
19
20
21
22
23
24
25
OUTPUT
26
27
28
29
30
31
32
33
A
B
C
–
+
2
–
+
3
–
+
4
–
+
5
–
+
6
–
+
7
–
+
8
–
+
9
–
+
10
–
+
11
–
+
12
11
13
AUX SUPPLY
V(–)
U(+)
E
–
+
Shielded
Twisted-pair
Cable
To Other
RS-485 Devices
■Pulse Output
■Network Output
Output 1 through 10: Analog output
Output 11: Pulse or network output
14
16
18
20
22
24
26
28
30
32
A
C
15
1
2
3
4
5
6
7
8
9
10
17
19
21
23
25
27
29
31
33
B
11
12
13
DIN RAIL
35 mm wide
4–5 (.2) dia. HOLE
[3.3 (.13)]
128 (5.04)
7 (.28)
64 (2.52)
120 (4.72)
9.2 (.36)
13–M4 SCREW
8.2 (.32)
23–M3.5 SCREW
125 (4.92) min.
64 (2.52)
4–M4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com