Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC241D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC241D
Description  RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC241D Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC241D Datasheet HTML 1Page - STMicroelectronics M54HC241D Datasheet HTML 2Page - STMicroelectronics M54HC241D Datasheet HTML 3Page - STMicroelectronics M54HC241D Datasheet HTML 4Page - STMicroelectronics M54HC241D Datasheet HTML 5Page - STMicroelectronics M54HC241D Datasheet HTML 6Page - STMicroelectronics M54HC241D Datasheet HTML 7Page - STMicroelectronics M54HC241D Datasheet HTML 8Page - STMicroelectronics M54HC241D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M54HC241
2/10
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
PIN N°
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
INPUTS
OUTPUT
1G
1An
1Yn
2G
2An
2Yn
LLL
H
L
L
L
HHHHH
HX
Z
L
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com