Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # VCS
Description  COMPACT VERTICAL LIQUID LEVEL SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VCS Datasheet(HTML) 3 Page - TE Connectivity Ltd

  VCS Datasheet HTML 1Page - TE Connectivity Ltd VCS Datasheet HTML 2Page - TE Connectivity Ltd VCS Datasheet HTML 3Page - TE Connectivity Ltd VCS Datasheet HTML 4Page - TE Connectivity Ltd VCS Datasheet HTML 5Page - TE Connectivity Ltd VCS Datasheet HTML 6Page - TE Connectivity Ltd VCS Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIQUID LEVEL SWITCH
VCS SERIES
TE CONNECTIVITY SENSORS /// VCS SERIES
10/2020
Page 3
Electrical and Temperature Specifications
Model
Number
Maximum Switch
Capacity (1)
Operating
Temperature (°C)
VCS-01
●
●
●
●
●
VCS-02
●
●
●
●
●
VCS-03
●
●
●
●
●
VCS-04
●
●
●
●
●
VCS-05
●
●
●
●
●
VCS-06
●
●
●
●
●
VCS-07
●
●
●
●
●
VCS-08
●
●
●
●
●
VCS-13
●
●
●
●
●
VCS-14
●
●
●
●
●
(1) Ensure that application of voltages and currents do not exceed total power rating (W)
Environmental Specifications
(Unless otherwise specified, all parameters are measured at 25°C)
Parameter
Min
Typ
Max
Units
Notes/Conditions
Ambient humidity
0
95
%RH
Non-condensing
Ingress protection
IP68
IP65
Wetted surfaces
Non-wetted Surfaces
Compliance
UL Recognized Component File – E153493 (Reed switch only)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com