Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040AK5TP Datasheet(PDF) 9 Page - STMicroelectronics

Part # M50FLW040AK5TP
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AK5TP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M50FLW040AK5TP Datasheet HTML 5Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 6Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 7Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 8Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 9Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 10Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 11Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 12Page - STMicroelectronics M50FLW040AK5TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9/52
M50FLW040A, M50FLW040B
Figure 6. TSOP40 Connections
Table 3. Addresses (M50FLW040A)
Table 4. Addresses (M50FLW040B)
Note: Also see APPENDIX A., Table 34. and Table 35. for a full listing of the Block Addresses.
AI08420B
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
VSS
VCC
DQ7
G
RB
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1
FWH1/LAD1
FWH2/LAD2
GPI3
TBL
ID2
GPI0
WP
NC
VCC
NC
IC (VIL)
RFU
GPI4
NC
VSS
FWH4/LFRAME
RFU
FWH3/LAD3
VSS
VCC
RFU
RFU
NC
CLK
RP
NC
VPP
VCC
NC
M50FLW040A
M50FLW040B
10
1
11
20
21
30
31
40
ID3/RFU
NC
INIT
NC
RFU
GPI2
FWH0/LAD0
GPI1
ID0
VSS
NC
NC
NC
IC (VIH)
NC
NC
NC
NC
RC
RP
VPP
VCC
NC
A10
VSS
VSS
VCC
Block
Size
(KByte)
Address Range
Sector Size (KByte)
64
70000h-7FFFFh
16 x 4KBytes
64
60000h-6FFFFh
16 x 4KBytes
64
50000h- 5FFFFh
5 x 64KBytes
64
40000h- 4FFFFh
64
30000h-3FFFFh
64
20000h-2FFFFh
64
10000h-1FFFFh
64
00000h-0FFFFh
16 x 4KBytes
Block
Size
(KByte)
Address Range
Sector Size (KByte)
64
70000h-7FFFFh
16 x 4KBytes
64
60000h- 6FFFFh
5 x 64KBytes
64
50000h- 5FFFFh
64
40000h- 4FFFFh
64
30000h-3FFFFh
64
20000h-2FFFFh
64
10000h-1FFFFh
16 x 4KBytes
64
00000h-0FFFFh
16 x 4KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com