Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8200 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
13
REFERENCE VOLTAGE GENERATION
The WM8200 incorporates an on-chip 0.5V bandgap voltage reference that can be used to derive a
temperature and supply independent voltage on pin VREF. The VREF output can be used for driving
external loads or setting the ADC input range. The voltage is programmed via connections made to
the REFSENSE pin as shown in Table 4.
REFSENSE
VREF output
Refer to
AGND
1.0V
Figure 7
AVDD
Hi impedance – A1 amplifier disabled
If using the ADC reference generator then an
external VREF source must be applied to the
VREF pin.
Figure 8
Connect to VREF
0.5V
Figure 9
R network to VREF / AGND
Between 0.5 V and 1 V
VREF=0.5x(1+Ra/Rb)
Figure 10
Table 4: – VREF output control by REFSENSE connection
+
A1
-
+
0.5V
-
VREF
REFSENSE
AVSS
10k
10k
Figure 7: VREF=1V
+
A1
-
+
0.5V
-
VREF
REFSENSE = AVDD
AVSS
Figure 8: VREF=Hi Impedance
+
A1
-
+
0.5V
-
VREF
REFSENSE
AVSS
Figure 9: VREF=0.5V
+
A1
-
+
0.5V
-
VREF
REFSENSE
AVSS
Ra
Rb
Figure 10: VREF between 0.5 and 1V
When enabled, the on-chip voltage reference should be externally decoupled (see Reference
Decoupling Section for details).
In internal ADC references mode (MODE=AVDD), the voltages at REFT and REFB are:
REFT =
(AVDD + VREF) / 2
REFB =
(AVDD – VREF) / 2
If external ADC references mode (MODE=AVSS), the average value of the external voltages applied
to REFT and REFB should be AVDD/2 for correct device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com