Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH2201 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MH2201
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MH2201 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MH2201 Datasheet HTML 1Page - M-System Co.,Ltd. MH2201 Datasheet HTML 2Page - M-System Co.,Ltd. MH2201 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MH-2201
http://www.m-system.co.jp/
MH-2201 SPECIFICATIONS
ES-8182 Rev.0 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
POWER SUPPLY USE
(200 V / 220 V / 240 V AC, single phase)
Functions & Features
• Designed for installation where AC power enters the
control panel for relatively large power consuming
equipment such as large instrumentation panels, computer
systems or telemetering systems in central control rooms or
operation centers
• Composed of air-core reactors, large capacity discharge
elements and electromagnetic contactors
• Thermal fuse in parallel with the discharge element opens
and cuts off the operating circuit for the electromagnetic
contactor in case of discharge elements failure, thus
protecting the equipment connected to the arrester
300 (11.81)
256 (10.08)
630 (24.80)
mm (inch)
MODEL: MH–2201
ORDERING INFORMATION
• Code number: MH-2201
GENERAL SPECIFICATIONS
Connection
Primary side: M12 screw terminals
Secondary side: M10 screw terminals
Screw terminal: Nickel-plated brass
Housing material: Steel plate t = 1.6 (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 40 kg (88.2 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: 380 V min.
Line to ground: 410 V min.
Maximum surge voltage
Line to line: 700 V max.
Line to ground: 700 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line: ≤ 1 A (at rated voltage, including relay coil
current)
Line to ground: ≤ 1 mA at 300 V DC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 200 A
Voltage drop: ≤ 2 V (50/60 Hz)
Rated line voltage: 200 V / 220 V / 240 V AC


Similar Part No. - MH2201

ManufacturerPart #DatasheetDescription
logo
Rohm
MH2201WZ ROHM-MH2201WZ Datasheet
250Kb / 3P
1200V 25A Fast Recovery Diode
2019.08 - Rev.A
More results

Similar Description - MH2201

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com