Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL715
Description  Four Channel Digital Isolators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL715 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL715 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL715/6/7
ISOLOOP®
NVE CORPORATION
Functional Diagram
Features
· +5 and 3.3V CMOS Compatible
· 2500 V
RMS Isolation (1 min)
· 2 ns Typical Pulse Width Distortion
· 10 ns Typical Propagation Delay
· 2 ns Channel to Channel Skew
·30kV/
µs Typical Transient Immunity
· 100 MBd Data Rate
· 0.3” and 0.15” 16–Pin SOIC Packages
· UL1577 Approved (File # E207481)
· IEC 61010-1 Approved (Report # 607057)
Applications
· Isolated Data Transmission
· Isolated ADCs and DACs
· Isolated RS485 and RS422
· Parallel Bus Isolation
· Computer Peripheral Interface Isolation
· Logic Level Shifting
Description
The IL715, IL716 and IL717 series of 4–channel digital isolators
provide the designer with the most compact isolated logic
devices yet available. These isolators are packaged in three
options: IL715 with four unidirectional channels, IL716 with
two channels in one direction and two channels in the opposite
direction, and the IL717 with three channels in one direction and
one channel in the other direction. All these devices are
fabricated with patented* IsoLoop
® technology giving them
excellent transient immunity specifications. The symmetric
magnetic coupling barrier gives these isolators a propagation
delay of only 10 ns and a pulse width distortion of 2 ns. Devices
are 100% high voltage tested to guarantee barrier integrity.
The IL715, IL716 and IL717 have a 100 MBaud data rate which
is independent of direction. They are available in 0.3” and 0.15”
16–pin SOIC packages and are specified over the temperature
range –40ºC to +100ºC.
Four Channel Digital Isolators
Isoloop
® is a registered trademark of NVE Corporation
* US Patent number 5,831,426; 6,300,617 and others.
IL715
4
IN
3
IN
2
IN
1
IN
1
OUT
2
OUT
3
OUT
4
OUT
IL716
1
IN
4
OUT
3
OUT
2
IN
1
OUT
2
OUT
4
IN
3
IN
IL717
1
IN
2
IN
3
IN
1
OUT
4
IN
2
OUT
3
OUT
4
OUT


Similar Part No. - IL715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC2-IL715 Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
NVE Corporation
IL715 NVE-IL715 Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL715-1E NVE-IL715-1E Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL715-3 NVE-IL715-3 Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
IL715-3E NVE-IL715-3E Datasheet
840Kb / 21P
High Speed Four-Channel Digital Isolators
More results

Similar Description - IL715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Maxim Integrated Produc...
MAX22344 MAXIM-MAX22344 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel 3.75kVRMS Digital Isolators
Rev 2; 2/19
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX14430 MAXIM-MAX14430_V01 Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
Four-Channel, 5kVRMS Digital Isolators
2020
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com