Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEL Datasheet HTML 1Page - M-System Co.,Ltd. MEL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MEL
http://www.m-system.co.jp/
MEL SPECIFICATIONS
ES-9661 Rev.0 Page 1/2
Lightning Surge Protectors for
Electronics Equipment M-RESTER
SURGE ABSORBER ELEMENT
(For MAX use)
22 (.87)
35 (1.38)
32 (1.26)
mm (inch)
MODEL: MEL-[1]
ORDERING INFORMATION
• Code number: MEL-[1]
Specify a code from below for [1].
(e.g. MEL-100)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC
200: 200 V / 220 V / 240 V AC
GENERAL SPECIFICATIONS
Alarm indicator: Surge absorber failure indicator turns white
when the fuse is blown.
Alarm Contact: Contact output when a fuse blows out to
prevent fires (ON when abnormality occurs)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -10 to +65°C (14 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: 25 g (0.88 oz)


Similar Part No. - MEL

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
MEL-1868PLCC RFSOLUTIONS-MEL-1868PLCC Datasheet
69Kb / 1P
Low Cost PIC Programmer
MEL-1884PLCC RFSOLUTIONS-MEL-1884PLCC Datasheet
69Kb / 1P
Low Cost PIC Programmer
MEL-18SOIC RFSOLUTIONS-MEL-18SOIC Datasheet
69Kb / 1P
Low Cost PIC Programmer
MEL-28SOIC RFSOLUTIONS-MEL-28SOIC Datasheet
69Kb / 1P
Low Cost PIC Programmer
MEL-4028Z RFSOLUTIONS-MEL-4028Z Datasheet
69Kb / 1P
Low Cost PIC Programmer
More results

Similar Description - MEL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com