Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEH Datasheet HTML 1Page - M-System Co.,Ltd. MEH Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MEH
http://www.m-system.co.jp/
MEH SPECIFICATIONS
ES-9662 Rev.0 Page 1/2
Lightning Surge Protectors for
Electronics Equipment M-RESTER
Arrester module
(For MMH use)
Functions & Features
• MMH Dedicated Lightning Surge Protection Module
• With disconnection function at detection of leakage
current due to surge absorber element error
• With error alarm contact output and error display monitor
LED
• Plug-in type with easy replacement
Typical Applications
• Maintenance product for MMH
50 (1.97)
103 (4.06)
80 (3.15)
mm (inch)
MODEL: MEH–[1]
ORDERING INFORMATION
• Code number: MEH-[1]
Specify a code from below for [1].
(e.g. MEH-1)
[1] OPERATIONAL VOLTAGE
1: 100 V/110 V AC
2: 200 V/220 V AC
RELATED PRODUCTS
• Lightning Surge Protector for Power Supply Use (model:
MMH)
PACKAGE INCLUDES...
• MMH Mounting Clamp x 2
• Mounting Screw Set x 2
GENERAL SPECIFICATIONS
Construction: Plug-in
Housing material: Flame-resistant resin (black)
Monitor LED
• RUN: Green LED turns on in normal conditions
• ALARM: Red LED turns on in error
Alarm Contact: OFF at error
• Rating: 110 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
• Maximum switching voltage: 125 V AC or 110 V DC
• Maximum switching power: 62.5 VA or 30 W
• Minimum load: 10 mV DC @10 μA
Alarm detecting current: Approx. 100 mA
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: 350 g (0.77 lb)
PERFORMANCE
AC discharge voltage (peak voltage)
Line to line:
190 V min. (MMH-1x)
410 V min. (MMH-2x)
Line to ground: 410 V min.
Maximum surge voltage (peak voltage)
Line to line:
350 V max. (MMH-1x)
700 V max. (MMH-2x)
Line to ground: 800 V max.
(Usable for those instruments which can withstand 1000 V
AC between the circuit and housing)
Note: The maximum voltage that could pass through M-
RESTER. Protected equipment must be able to withstand
this voltage for very short time period.
Response time: ≤ 0.01 μsec.
Leakage current
Line to line:
≤ 50 mA at 110 V AC (MMH-1x)
≤ 30 mA at 220 V AC (MMH-2x) including driving
current for the MEH and relay
Line to ground: ≤ 1 mA at 220 V AC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current:
10 A (MMH-x10)
30 A (MMH-x30)
Voltage drop: ≤ 1 V (50/60 Hz)


Similar Part No. - MEH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MEH MTRONPTI-MEH Datasheet
217Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH MTRONPTI-MEH Datasheet
247Kb / 2P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH MTRONPTI-MEH Datasheet
248Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
logo
Festo Corporation.
MEH-3/2-1/8-B FESTO-MEH-3/2-1/8-B Datasheet
98Kb / 2P
Air solenoid valve
MEH-3/2-1/8-P-B FESTO-MEH-3/2-1/8-P-B Datasheet
98Kb / 2P
Air solenoid valve
More results

Similar Description - MEH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com