Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDW5ALW Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDW5ALW
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDW5ALW Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDW5ALW Datasheet HTML 1Page - M-System Co.,Ltd. MDW5ALW Datasheet HTML 2Page - M-System Co.,Ltd. MDW5ALW Datasheet HTML 3Page - M-System Co.,Ltd. MDW5ALW Datasheet HTML 4Page - M-System Co.,Ltd. MDW5ALW Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MDW5ALW
MDW5ALW SPECIFICATIONS
ES-8218 Rev.4 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
5
4
3
2
1
11
10
9
8
7
6
Power LED
Alarm Contact Terminal
Alarm LED
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
45 (1.77)
9.8 (.39)
17.5 (.69)
41 (1.61)
55 (2.17)
89 (3.5)
3.3 (.13)
5
4
3
2
1
11
10
9
8
7
6
7.4 (.29)
6 (.27)
5–M3 TERMINAL SCREW
Alarm Contact Terminal
BASE
HEAD ELEMENT
DIN RAIL
35mm wide
6–M3 TERMINAL SCREW
• When mounting, no extra space is needed between units.
5.3 (.21)
5.3 (.21)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com