Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDTL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDTL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDTL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDTL Datasheet HTML 1Page - M-System Co.,Ltd. MDTL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MD-TL
http://www.m-system.co.jp/
MD-TL SPECIFICATIONS
ES-8126 Rev.6 Page 1/2
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR TELECOMMUNICATION LINE USE
Functions & Features
• Designed specifically to protect telecommunication
equipment from lightning surges entering through
telecommunication line network
• Easy connection with protected equipment with modular
jacks
• Connection with a telephone and a modem in
parallel
MODEM
TEL
LINE
mm (inch)
26
(1.02)
93
(3.66)
137
(5.39)
MODEL: MD–TL
ORDERING INFORMATION
• Code number: MD-TL
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection:
Line: Modular jack
Grounding: M3.5 screw terminals (torque 0.8 N·m)
Modular jack cord: 6-pole, 2-core
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 150 g (0.33 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: ±270 V min.
Line to ground: ±350 V max.
Maximum surge voltage
Line to line: ±650 V max.
Line to ground: ±900 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current:
Line to line: ≤ 100 μA @ ±160 V DC
Line to ground: ≤ 100 μA @ ±160 V DC
Discharge current capacity: 1000 A (8 / 20 μsec.)
(Modular jack contact welding is out of the scope of this
protection. (The surge protector still works even when
welding.))
Maximum load current: 500 mA
Internal series resistance: Approx. 0.1 Ω including return


Similar Part No. - MDTL

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDT-160 SLPOWER-MDT-160 Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
89Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-164-1212R SLPOWER-MDT-164-1212R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
More results

Similar Description - MDTL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com