Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDW2A-4R-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MDW2A-4R-R
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDW2A-4R-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MDW2A-4R-R Datasheet HTML 1Page - M-System Co.,Ltd. MDW2A-4R-R Datasheet HTML 2Page - M-System Co.,Ltd. MDW2A-4R-R Datasheet HTML 3Page - M-System Co.,Ltd. MDW2A-4R-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: MDW2A-4R
MDW2A-4R SPECIFICATIONS
ES-8215 Rev.2 Page 4/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4
8 7
10
21.5 (.87)
84 (3.31)
10 (.39)
22 (.87)
DIN RAIL
35mm wide
[4 (.16)]
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
11
5
6
1
2
3
9
6 (.23)
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
0.5 Ω
2 Ω
Base Socket
7
8
9
10
4
5
6
1
2
11
SG
3 G
SG
PWR LED
Surge
Counter
Leakage Current
Detector
ALM LED
0.5 Ω
2 Ω
Voltage Limiter
Ry
CT
LINE
Surge
Side
LINE
Protect
Side
POWER
Discharge
Elements
U(+)
V(–)
ALARM
OUTPUT
+
–
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com