Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPTL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPTL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPTL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPTL Datasheet HTML 1Page - M-System Co.,Ltd. MDPTL Datasheet HTML 2Page - M-System Co.,Ltd. MDPTL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDP-TL
MDP-TL SPECIFICATIONS
ES-8202 Rev.8 Page 2/3
http://www.m-system.co.jp/
CONNECTION EXAMPLES
TELEPHONE
SET
Base Section
Element Section
GROUND
TERMINAL
L2
L1
L2
L1
L2’
L1’
L2’
L1’
L2’
L1’
G
LINE
M. J.
MODEM
M. J.
MODEM
PHONE
M. J.
Discharge Elements
TELECOM.
LINE
G
G
GROUNDING
(100Ω max.)
CROSS WIRE
Be sure to cross-wire between G terminals of modem / telephone set
and the G terminal of the MDP-TL.
S1
P1
P2
S2
MODEM/PHONE
SCREW
TERMINALS
LINE
SCREW
TERMINALS
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
P2
P1
S2
S1
23.5 (.93)
2–5 (.20) dia.
MTG HOLE
4–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 (1.06)
53 (2.08)
80 (3.15)
HEAD ELEMENT
LINE M. J.
MODEM M. J.
PHONE M. J.
BASE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com