Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL07G Datasheet(PDF) 2 Page - Seme LAB

Part # LL07G
Description  MINIATURE FLUORESCENT BULBS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LL07G Datasheet(HTML) 2 Page - Seme LAB

  LL07G Datasheet HTML 1Page - Seme LAB LL07G Datasheet HTML 2Page - Seme LAB LL07G Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
(At 25°C unless otherwise stated)
The electrical specifications tabulated below are a brief summary and are applicable to all the devices. For information
concerning the tolerances of the stated drive voltages and the subsequent effect on the spectral properties of the device
contact Semelab Plc..
Notes
1. Anode current measured for anode to cathode voltage of 24V, cathode voltage of 5.3V and an anode resistance of
1Kohm.
2. Cathode current measured for cathode voltage of 5.3V and anode to cathode voltage of 0V.
SYSTEMS DIVISION
LL07 RANGE
MINIATURE FLUORESCENT BULBS
Semelab plc
Telephone (01455) 556565
Fax (01455) 552612.
E-mail: sales@semelab.co.uk
Web site: http://www.semelab.co.uk.
Prelim. 10/98
Semelab Plc. reserve the right to change the products shown on this datasheet in the interest of improved specification. No responsibility is assumed for the use of
information contained herein, nor for any infringement of patent or rights of others that may result from such use. No license is granted by implication or otherwise
under any patent or patent right of Semelab Plc.
Parameter
Minimum
Typical
Maximum
Notes
Unit
Anode Voltage
23
24
25
V
Anode Current
11.5
13.0
14.5
1
mA
Anode Resistance
990
1000
1010
*
Cathode Voltage
5.2
5.3
5.4
V
Cathode Current
39
43
47
2
mA
Bulb Wall Temperature
40
60
70
3
*C
Spectral Plot of Red
Fl
0
20
40
60
80
100
200
300
400
500
600
700
800
Wavelength (nm)
Spectral Plot of Green
Fl
0
20
40
60
80
100
200
300
400
500
600
700
800
Wavelength (nm)
Spectral Plot of Blue
Fl
0
20
40
60
80
100
200
300
400
500
600
700
800
Wavelength (nm)
Spectral Plot of Ultra-violet
Fl
0
20
40
60
80
100
200
300
400
500
600
700
800
Wavelength (nm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com