Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416V Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS416V
Description  Low-leakage double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS416V Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS416V Datasheet HTML 1Page - Rectron Semiconductor BAS416V Datasheet HTML 2Page - Rectron Semiconductor BAS416V Datasheet HTML 3Page - Rectron Semiconductor BAS416V Datasheet HTML 4Page - Rectron Semiconductor BAS416V Datasheet HTML 5Page - Rectron Semiconductor BAS416V Datasheet HTML 6Page - Rectron Semiconductor BAS416V Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low-leakage double diode
FEATURES
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 μs
• Continuous reverse voltage:max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current:max. 500 mA.
APPLICATION
• Low-leakage current applications in
surface mounted circuits.
DESCRIPTION
Epitaxial, medium-speed switching, double diode in a small SOD323 plastic SMD package. The diodes are connected in series.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
single diode loaded; note 1; see Fig.2
−
160
mA
double diode loaded; note 1; see Fig.2
−
140
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward
current
square wave; Tj =25
°C prior to surge;
see Fig.4
tp =1
μs
−
4A
tp =1ms
−
1A
tp =1s
−
0.5
A
Ptot
total power dissipation
Tamb =25
°C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
2020-11/79
REV:O
• P/N suffix V means AEC-Q101 qualified,
• P/N suffix V means Halogen-free
e.g:BAS416V
SOD-323
Marking:S4
BAS416V


Similar Part No. - BAS416V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
BAS416 RECTRON-BAS416 Datasheet
546Kb / 7P
Low-leakage double diode
logo
Nexperia B.V. All right...
BAS416 NEXPERIA-BAS416 Datasheet
200Kb / 10P
Low-leakage diode
2 October 2020
More results

Similar Description - BAS416V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
Low-leakage double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAV170 KEXIN-BAV170 Datasheet
39Kb / 2P
Low-leakage double diode
BAW156 KEXIN-BAW156 Datasheet
40Kb / 2P
Low-leakage double diode
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
Shenzhen Luguang Electr...
BAV170 LUGUANG-BAV170 Datasheet
228Kb / 3P
Low-leakage Double Diode
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
Low-leakage double diode
BAV170 BILIN-BAV170_17 Datasheet
129Kb / 4P
Low-leakage double diode
Rev.A
logo
Rectron Semiconductor
BAV199V RECTRON-BAV199V Datasheet
143Kb / 7P
Low-leakage double diode
logo
Nexperia B.V. All right...
BAV199W-Q NEXPERIA-BAV199W-Q Datasheet
207Kb / 11P
Low-leakage double diode
23 August 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com