Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL07R Datasheet(PDF) 1 Page - Seme LAB

Part # LL07R
Description  MINIATURE FLUORESCENT BULBS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LL07R Datasheet(HTML) 1 Page - Seme LAB

  LL07R Datasheet HTML 1Page - Seme LAB LL07R Datasheet HTML 2Page - Seme LAB LL07R Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SYSTEMS DIVISION
LL07 RANGE
MINIATURE FLUORESCENT BULBS
Semelab plc
Telephone (01455) 556565
Fax (01455) 552612.
E-mail: sales@semelab.co.uk
Web site: http://www.semelab.co.uk
Prelim. 10/98
Semelab Plc. reserve the right to change the products shown on this datasheet in the interest of improved specification. No responsibility is assumed for the use of
information contained herein, nor for any infringement of patent or rights of others that may result from such use. No license is granted by implication or otherwise
under any patent or patent right of Semelab Plc.
THE LL07 RANGE OF MINIATURE
FLUORESCENT BULBS
APPLICATIONS:
MEDICAL INSTRUMENTS
METROLOGY
ILLUMINATION ENGINEERING
FLUORESCENT / PHOSPHORESCENT
MEASUREMENTS
ENVIRONMENTAL MONITORING
FEATURES:
SMALL SIZE
WIDE RANGE OF SPECTRAL OUTPUTS:
UV,BLUE, WHITE, GREEN, AND RED
LOW VOLTAGE SUPPLY
HIGH RADIANT INTENSITY
HIGH MODULATION FREQUENCY
LONG LIFE TIME
LOW COST
MECHANICAL DATA
Dimensions in mm
Anode
Electrons
Heated
Cathode
5.3V
Mercury
Atoms
Phosphor
Coating
24V
1KOhm
DESCRIPTION
The LLO7 devices are a range of miniature fluorescent bulbs. The device structure has been designed to give maximum
radiant intensity with low voltage operation.
The principal difference between the miniature and a conventional fluorescent lamp is the filament cathode. When
powered up, electrons are emitted from the cathode by thermionic emission. These electrons are then accelerated towards
the anode due to the potential difference between the anode and cathode. The electrons collide with mercury atoms and
excite an orbital electron. The electron decays to a lower energy level and emits a photon of short wavelength ultra-violet
light. This photon stimulates the phosphor coating on the inside of the glass bulb.
Depending on the type of phosphor used red, green, blue, white or long wavelength ultra-violet light is emitted from the
device. The short wavelength ultra-violet light is absorbed by the glass bulb. See diagram.
The dimensions are subject to a typical tolerance of +0.5mm. Advice on suitable materials to encapsulate the bulbs is
available from Semelab Plc.
Anode
Cathodes
11.0
6.0
16.5
39.0
5.0
7.0


Similar Part No. - LL07R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LL01-1AA01 TEC-LL01-1AA01 Datasheet
194Kb / 3P
RELAY VERSION
LL01-1AA04 TEC-LL01-1AA04 Datasheet
194Kb / 3P
RELAY VERSION
LL01-1AA10 TEC-LL01-1AA10 Datasheet
194Kb / 3P
RELAY VERSION
LL01-1AA20 TEC-LL01-1AA20 Datasheet
194Kb / 3P
RELAY VERSION
LL01-1AB01 TEC-LL01-1AB01 Datasheet
194Kb / 3P
RELAY VERSION
More results

Similar Description - LL07R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Altech corporation
BA15DXXX ALTECH-BA15DXXX Datasheet
145Kb / 1P
30 mm Replacment Filament Bulbs
MCB15XXX ALTECH-MCB15XXX Datasheet
424Kb / 1P
30 mm Replacment LED Bulbs
MCB9XYYY ALTECH-MCB9XYYY Datasheet
340Kb / 1P
22 mm LED Bulbs MCB9xyyy
logo
List of Unclassifed Man...
F4T5 ETC-F4T5 Datasheet
47Kb / 1P
preheat fluorescent lamps
BF6200-20B ETC2-BF6200-20B Datasheet
196Kb / 1P
SINGLE LEAD TIPLESS MINIATURE FLUORESCENT LAMP
BF20218-24B ETC2-BF20218-24B Datasheet
128Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3100-20B ETC2-BF3100-20B Datasheet
427Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
TDK Electronics
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
Connector type, Dimming, 7W, For 2 bulbs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com