Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS521
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS521 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS521 Datasheet HTML 1Page - Rectron Semiconductor BAS521 Datasheet HTML 2Page - Rectron Semiconductor BAS521 Datasheet HTML 3Page - Rectron Semiconductor BAS521 Datasheet HTML 4Page - Rectron Semiconductor BAS521 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE SWITCHING DIODE
Features
x
Fast Switching Speed: max. 50 ns
x
High Reverse Breakdown Voltage: 300V
x
Low Leakage Current: 100nA at room temperature
x
Ultra Small Plastic SMD Package
Mechanical Data
x
Case: SOD-523
x
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
x
Moisture Sensitivity: Level 1 per J-STD-020
x
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
x
Solderable per MIL-STD-202, Method 208
x
Weight: 0.0014 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
300
V
Forward Current (Note 2)
IF
250
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
Ps
IFSM
4.5
A
Repetitive Peak Forward Current (Note 2)
IFRM
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
325
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RTJA
385
qC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
qC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
300

V
IR = 100
PA
Forward Voltage
VF

1.1
V
IF = 100mA
Reverse Current (Note 1)
IR



50
150
100
nA
nA
PA
VR = 5V
VR = 250V
VR = 250V, TJ = 150
qC
Total Capacitance
CT

5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr

50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100
:
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout,
3. No purposefully added lead. Halogen and Antimony Free.
Top View
1
2
Device Schematic
BAS521
2020-11/43/08
REV:C
x
Halogen-free


Similar Part No. - BAS521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS521 PHILIPS-BAS521 Datasheet
59Kb / 8P
High voltage switching diode
2003 Aug 12
BAS521 NXP-BAS521 Datasheet
114Kb / 8P
High voltage switching diode
2003 Aug 12
logo
Diodes Incorporated
BAS521 DIODES-BAS521 Datasheet
89Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
DS32175 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
BAS521 LUGUANG-BAS521 Datasheet
271Kb / 4P
High voltage switching diode
logo
Continental Device Indi...
BAS521 CDIL-BAS521 Datasheet
336Kb / 3P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - BAS521

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com