Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV18 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV18
Description  SMALL SIGNAL SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV18 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV18 Datasheet HTML 1Page - Rectron Semiconductor BAV18 Datasheet HTML 2Page - Rectron Semiconductor BAV18 Datasheet HTML 3Page - Rectron Semiconductor BAV18 Datasheet HTML 4Page - Rectron Semiconductor BAV18 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
Half w ave rectification w ith resist.load
@TA=25
and f
50Hz
Forw ard surge current @ t<1s and T
J=25
IFSM
A
Pow er dissipation
@ T
A=25
Ptot
mW
Thermal resistance junction to ambient
RθJA
K/W
Junction temperature
TJ
Storage temperature range
TSTG
ELECTRICAL CHARACTERISTICS
UNITS
Forw ard voltage
@
I
F=100mA
Leakage current
@T
j=25
Capacitance
@ V
F=V R=0V
f=1MH
Z
CJ
pF
Reverse recovery time
f rom I
F=30mA to IR=30mA
f rom I
RR=3mA ,
R
L=100Ω.
IR
VF
V
ns
50
-
-
trr
--
MIN
TYP
250
1)
1.5
I(AV)
1.0
500
1)
mA
-
-
1.0
SMALL SIGNAL SWITCHING DIODE
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
-
15
MAX
-
-
-
BAV17
BAV18
BAV19
BAV20
BAV21
20
50
100
150
200
25
60
120
200
250
350
175
-55 --- +175
1)Valid prov ided that leads at a distance of 8 mm from case are kept at ambient temperature.
at reverse voltage
@Tj=100
100
nA
μA
FEATURES
* Silicon epitaxial planar diode
* DO-35 Package,glass case
*
*
*
High speed switching diode
500 mW power dissipation
Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
MAX.
.150 (3.8)
1.083(27.5)
TYP.
.087 (2.2)
MAX.
DIA.
.022 (0.6 )
.018 (0.46)
DIA.
DO-35
1.083(27.5)
TYP.
BAV17
THRU
BAV21
2019-04/08
REV:O


Similar Part No. - BAV18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV18 VISHAY-BAV18 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV18 FAIRCHILD-BAV18 Datasheet
36Kb / 1P
General Purpose Diodes
logo
Diotec Semiconductor
BAV18 DIOTEC-BAV18 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
BAV18 DIOTEC-BAV18 Datasheet
96Kb / 2P
Superfast Switching Si-Planar Diodes
logo
Galaxy Semi-Conductor H...
BAV18 BILIN-BAV18 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - BAV18

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com