Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV20WSV
Description  Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV20WSV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV20WSV Datasheet HTML 1Page - Rectron Semiconductor BAV20WSV Datasheet HTML 2Page - Rectron Semiconductor BAV20WSV Datasheet HTML 3Page - Rectron Semiconductor BAV20WSV Datasheet HTML 4Page - Rectron Semiconductor BAV20WSV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fast Switching Diode
BAV19WSV
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA =55
oC
Peak Forward Surge Current 10ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 2)
Current Squarad Time
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
I
2
t
R JA
TJ,TSTG
VRMS
BAV21WSV
UNITS
Volts
Volts
Volts
Amps
0.2
1.7
0.014
100
-65 to + 150
Amps
A
2Sec
0C
0C/W
250
175
250
NOTES :
1. Reverse Re
2. Thermal Resistance : Mounted on PCB.
covery Test Conditions: I F = 0.03A, IR = 30mA, IRR = 3mA
at Rated DC Blocking Voltage
@TA =25
oC
@TA =150
oC
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.25
0.1
500
50
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage
Volts
Fast Switching Device(TRR
)
Power Dissipation of 250mW
High Stability and High Reliability
SOD-323
SOD-323 Small Outline Plastic Package
Polarity: Color band denotes cathode end
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
*
*
*
*
MECHANICAL DATA
*
*
Low Reverse Leakage
*
Marking: BAV19WS ----A8
BAV20WSV
BAV21WSV
BAV20WS ----T2
BAV21WS ----T3
BAV20WSV
200
140
200
BAV19WSV
120
84
120
BAV21WSV
BAV20WSV
BAV19WSV
1.0
*
P/N suffix V means Halogen-free
*
P/N suffix V means AEC-Q101 qualified
P/N suffix V means AEC-Q101 qualified, e.g:BAV19WSV
0.25
I =0.1A
F
I =0.2A
F
2020-11
REV:O


Similar Part No. - BAV20WSV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WSV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com