Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19WR66 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19WR66
Description  Dual Contactless Smartcard MCU with MAP, RF UART, IART & 66 Kbytes High Density EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WR66 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19WR66 Datasheet HTML 1Page - STMicroelectronics ST19WR66 Datasheet HTML 2Page - STMicroelectronics ST19WR66 Datasheet HTML 3Page - STMicroelectronics ST19WR66 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST19WR66
2/4
Figure 1. Delivery Form
259a.ai
Micromodule
Wafer
Function
Speed(1)
1. Typical values, independent from external clock
frequency and supply voltage.
RSA 1024 bits signature with CRT(2)
2. CRT: Chinese Remainder Theorem.
85 ms
RSA 1024 bits signature without CRT(2)
282 ms
RSA 1024 bits verification (e=’$10001’)5.5 ms
RSA 1024 bits key generation
2.5 s
RSA 2048 bits signature with CRT(2)
570 ms
RSA 2048 bits verification (e=’$10001’)91 ms
Triple DES (with enhanced security)
58.0 µs
Single DES (with enhanced security)
43.0 µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com