Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78M33CDCY Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M33CDCY
Description  POSITIVE-VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M33CDCY Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA78M33CDCY Datasheet HTML 3Page - Texas Instruments UA78M33CDCY Datasheet HTML 4Page - Texas Instruments UA78M33CDCY Datasheet HTML 5Page - Texas Instruments UA78M33CDCY Datasheet HTML 6Page - Texas Instruments UA78M33CDCY Datasheet HTML 7Page - Texas Instruments UA78M33CDCY Datasheet HTML 8Page - Texas Instruments UA78M33CDCY Datasheet HTML 9Page - Texas Instruments UA78M33CDCY Datasheet HTML 10Page - Texas Instruments UA78M33CDCY Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059I – JUNE 1976 – REVISED NOVEMBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 16 V,IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M09C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
VI =11 5Vto24V
IO =5mAto350 mA
8.6
9
9.4
V
Output voltage
VI = 11.5 V to 24 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
8.5
9.5
V
Input voltage regulation
IO = 200 mA
VI = 11.5 V to 26 V
6
100
mV
Input voltage regulation
IO = 200 mA
VI = 12 V to 26 V
2
50
mV
Ripple rejection
VI = 13 V to 23 V,
IO = 100 mA,
TJ = 0°C to 125°C
56
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
56
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
25
180
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
90
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
58
µV
Dropout voltage
2
V
Bias current
4.6
6
mA
Bias current change
VI = 11.5 V to 26 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
250
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
electrical characteristics at specified virtual junction temperature, VI = 17 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M10C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
O tp t oltage
VI =12 5Vto25V
IO =5mAto350 mA
9.6
10
10.4
V
Output voltage
VI = 12.5 V to 25 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
9.5
10.5
V
Input voltage regulation
IO = 200 mA
VI = 12.5 V to 28 V
7
100
mV
Input voltage regulation
IO = 200 mA
VI = 14 V to 28 V
2
50
mV
Ripple rejection
VI = 15 V to 25 V,
IO = 100 mA,
TJ = 0°C to 125°C
59
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
55
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
25
200
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
100
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
64
µV
Dropout voltage
2
V
Bias current
4.7
6
mA
Bias current change
VI = 12.5 V to 28 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
245
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com