Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V26 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6V26
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V26 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6V26 Datasheet HTML 9Page - Microchip Technology MCP6V26 Datasheet HTML 10Page - Microchip Technology MCP6V26 Datasheet HTML 11Page - Microchip Technology MCP6V26 Datasheet HTML 12Page - Microchip Technology MCP6V26 Datasheet HTML 13Page - Microchip Technology MCP6V26 Datasheet HTML 14Page - Microchip Technology MCP6V26 Datasheet HTML 15Page - Microchip Technology MCP6V26 Datasheet HTML 16Page - Microchip Technology MCP6V26 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25007B-page 13
MCP6V26/7/8
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.3V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL, CL = 60 pF and CS = GND.
2.3
Frequency Response
FIGURE 2-25:
CMRR and PSRR vs.
Frequency.
FIGURE 2-26:
Open-Loop Gain vs.
Frequency with VDD =2.3V.
FIGURE 2-27:
Open-Loop Gain vs.
Frequency with VDD =5.5V.
FIGURE 2-28:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-29:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-30:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
0
10
20
30
40
50
60
70
80
90
100
110
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
CMRR
PSRR+
PSRR-
100
100k
1k
1M
10k
-20
-10
0
10
20
30
40
50
60
70
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠A
OL
1k
10k
100k
1M
10M
VDD = 2.3V
CL = 60 pF
-20
-10
0
10
20
30
40
50
60
70
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠A
OL
1k
10k
100k
1M
10M
VDD = 5.5V
CL = 60 pF
100
3.0
90
2.5
VDD = 5.5V
GBWP
70
80
15
2.0
60
70
1.0
1.5
PM
VDD = 2.3V
50
0.5
40
0.0
-50
-25
0
25
50
75
100
125
50
25
0
25
50
75
100
125
Ambient Temperature (°C)
120
4.0
100
110
3.0
3.5
80
90
20
2.5
VDD = 5.5V
VDD = 2.3V
GBWP
70
80
1.5
2.0
50
60
0.5
1.0
PM
40
0.0
Common Mode Input Voltage (V)
120
4.0
100
110
3.0
3.5
80
90
20
2.5
VDD = 5.5V
VDD = 2.3V PM
70
80
1.5
2.0
50
60
0.5
1.0
GBWP
40
50
0.0
0.5
00 05 10 15 20 25 30 35 40 45 50 55
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com