Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V28 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V28
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V28 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V28 Datasheet HTML 1Page - Microchip Technology MCP6V28 Datasheet HTML 2Page - Microchip Technology MCP6V28 Datasheet HTML 3Page - Microchip Technology MCP6V28 Datasheet HTML 4Page - Microchip Technology MCP6V28 Datasheet HTML 5Page - Microchip Technology MCP6V28 Datasheet HTML 6Page - Microchip Technology MCP6V28 Datasheet HTML 7Page - Microchip Technology MCP6V28 Datasheet HTML 8Page - Microchip Technology MCP6V28 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP6V26/7/8
DS25007B-page 4
© 2011 Microchip Technology Inc.
Common Mode
Common-Mode Input
Voltage Range Low
VCML
——
VSS − 0.15
V
(Note 2)
Common-Mode Input
Voltage Range High
VCMH
VDD + 0.2
—
—
V
(Note 2)
Common-Mode Rejection
CMRR
120
136
—
dB
VDD = 2.3V,
VCM = -0.15V to 2.5V
(Note 1, Note 2)
CMRR
125
142
—
dB
VDD = 5.5V,
VCM = -0.15V to 5.7V
(Note 1, Note 2)
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
125
147
—
dB
VDD =2.3V,
VOUT = 0.2V to 2.1V
(Note 1)
AOL
133
155
—
dB
VDD =5.5V,
VOUT = 0.2V to 5.3V
(Note 1)
Output
Minimum Output Voltage Swing
VOL
—VSS +5
VSS + 15
mV
G = +2, 0.5V
input overdrive
Maximum Output Voltage Swing
VOH
VDD –15 VDD − 5
—
mV
G = +2, 0.5V
input overdrive
Output Short Circuit Current
ISC
—±12
—
mA
VDD =2.3V
ISC
—±22
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
2.3
—
5.5
V
Quiescent Current per amplifier
IQ
450
620
800
µA
IO = 0
POR Trip Voltage
VPOR
1.15
—
1.65
V
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.3V to +5.5V, VSS = GND,
VCM = VDD/3, VOUT =VDD/2, VL =VDD/2, RL = 10 kΩ to VL and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Set by design and characterization. Due to thermal junction and other effects in the production
environment, these parts can only be screened in production (except TC1; see Appendix B: “Offset
Related Test Screens”).
2:
Figure 2-18 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com