Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V37-E/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP6V37-E/MS
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V37-E/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP6V37-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 29Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 31Page - Microchip Technology MCP6V37-E/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP6V36/6U/7/9
DS20006209A-page 28
 2019 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead MSOP (3 x 3 mm) (MCP6V37)
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70 (MCP6V36U)
Example
:
Device
Code
MCP6V36UT-E/LTY
FSNN
Note:
Applies to 5-Lead SC-70.
5-Lead SOT-23 (MCP6V36, MCP6V36U)
Example
:
Device
Code
MCP6V36T-E/OT
RBDF
WWNNN
MCP6V36UT-E/OT
RBDG
WWNNN
Note:
Applies to 5-Lead SOT-23.
FS25
6V37E
410256
RBDF
10256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com